Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 858 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 858 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 854Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 855Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 856Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 857Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 858Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 859Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 860Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 861Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 862Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 858 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 806 of 1102
REJ09B0294-0100
16.7
Stall Operations
16.7.1
Overview
This section describes stall operations in this module. There are two cases in which the USB
function module stall function is used:
• When the application forcibly stalls an endpoint for some reason
• When a stall is performed automatically within the USB function module due to a USB
specification violation
The USB function module has internal status bits that hold the status (stall or non-stall) of each
endpoint. When a transaction is sent from the host, the module references these internal status bits
and determines whether to return a stall to the host. These bits cannot be cleared by the
application; they must be cleared with a Clear Feature command from the host.
However, the internal status bit for EP0 is automatically cleared only when the setup command is
received.
16.7.2
Forcible Stall by Application
The application uses the EPSTL register to issue a stall request for the USB function module.
When the application wishes to stall a specific endpoint, it sets the corresponding bit in EPSTL (1-
1 in figure 16.18). The internal status bits are not changed at this time. When a transaction is sent
from the host for the endpoint for which the EPSTL bit was set, the USB function module
references the internal status bit, and if this is not set, references the corresponding bit in EPSTL
(1-2 in figure 16.18). If the corresponding bit in EPSTL is set, the USB function module sets the
internal status bit and returns a stall handshake to the host (1-3 in figure 16.18). If the
corresponding bit in EPSTL is not set, the internal status bit is not changed and the transaction is
accepted.
Once an internal status bit is set, it remains set until cleared by a Clear Feature command from the
host, without regard to the EPSTL register. Even after a bit is cleared by the Clear Feature
command (3-1 in figure 16.18), the USB function module continues to return a stall handshake
while the bit in EPSTL is set, since the internal status bit is set each time a transaction is executed
for the corresponding endpoint (1-2 in figure 16.18). To clear a stall, therefore, it is necessary for
the corresponding bit in EPSTL to be cleared by the application, and also for the internal status bit
to be cleared with a Clear Feature command (2-1, 2-2, and 2-3 in figure 16.18).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com