Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 885 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 885 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 881Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 882Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 883Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 884Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 885Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 886Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 887Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 888Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 889Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 885 / 1158 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev.1.00 Jun. 07, 2006 Page 833 of 1102
REJ09B0294-0100
17.4
Operation
17.4.1
I
2C Bus Format
Figure 17.3 shows the I
2C bus formats. Figure 17.4 shows the I2C bus timing. The first frame
following a start condition always consists of 8 bits.
S
SLA
R/
W
A
DATA
A
A/
A
P
11
1
1
n
7
1
m
(a) I2C bus format
(b) I2C bus format (start condition retransmission)
n: Transfer bit count
(n = 1 to 8)
m: Transfer frame count
(m
≥ 1)
S
SLA
R/
W
A
DATA
11
1
n1
7
1
m1
S
SLA
R/
W
A
DATA
A/
A
P
11
1
n2
7
1
m2
1
1
1
A/
A
n1 and n2: Transfer bit count (n1 and n2 = 1 to 8)
m1 and m2: Transfer frame count (m1 and m2
≥ 1)
11
Figure 17.3 I
2C Bus Formats
SDA
SCL
S
SLA
R/
W
A
9
8
1-7
9
8
1-7
9
8
1-7
DATA
A
DATA
A
P
Figure 17.4 I
2C Bus Timing
[Legend]
S:
Start condition. The master device drives SDA from high to low while SCL is high.
SLA:
Slave address
R/
W:
Indicates the direction of data transfer; from the slave device to the master device when
R/
W is 1, or from the master device to the slave device when R/W is 0.
A:
Acknowledge. The receive device drives SDA low.
DATA: Transferred data
P:
Stop condition. The master device drives SDA from low to high while SCL is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com