Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 895 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 895 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 891Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 892Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 893Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 894Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 895Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 896Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 897Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 898Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 899Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 895 / 1158 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev.1.00 Jun. 07, 2006 Page 843 of 1102
REJ09B0294-0100
17.4.7
Example of Use
Sample flowcharts in respective modes that use the I
2C bus interface are shown in figures 17.14 to
17.17.
No
No
Yes
Yes
No
Yes
No
No
No
No
Yes
Yes
Yes
Yes
Yes
[1]
[2]
[3]
[4]
[5]
[6]
[7]
[8]
[9]
[10]
[11]
[12]
[13]
[14]
[15]
Start
[1]
Detect the state of the SCL and SDA lines
[2]
Set to master transmit mode
[3]
Issue the start condition
[4]
Set the transmit data for the first byte (slave address + R/W)
[5]
Wait for 1 byte of data to be transmitted
[6]
Detect the acknowledge bit, transferred from the specified slave device
[7]
Set the transmit data for the second and subsequent data (except for the
last byte)
[8]
Wait for ICDRT empty
[9]
Set the last byte of transmit data
[10] Wait for the completion of transmission of the last byte
[11] Clear the TEND flag
[12] Clear the STOP flag
[13] Issue the stop condition
[14] Wait for the creation of the stop condition
[15] Set to slave receive mode. Clear TDRE.
Initial settings
Read BBSY in ICCRB
Set MST = 1 and
TRS = 1 in ICCRA
BBSY = 0?
Write BBSY = 1
and SCP = 0
Write the transmit
data in ICDRT
Read TEND in ISCR
TEND = 1?
Read ACKBR in ICIER
ACKBR = 0?
Transmit
mode?
Read TDRE in ICSR
TDRE = 1?
Last byte?
Write the transmit data to ICDRT
Read TEND in ICSR
TEND = 1?
Clear TEND in ICSR
Clear STOP in ICSR
Write BBSY = 0
and SCP = 0
Read STOP in ICSR
STOP = 1?
Set MST = 0
and TRS = 0 in ICCRA
Clear TRDE in ICSR
End
Master receive mode
Write the transmit data to ICDRT
Figure 17.14 Sample Flowchart of Master Transmit Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com