Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 907 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 907 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 903Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 904Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 905Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 906Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 907Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 908Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 909Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 910Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 911Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 907 / 1158 page
background image
Section 18 A/D Converter
Rev.1.00 Jun. 07, 2006 Page 855 of 1102
REJ09B0294-0100
18.3.3
A/D Control Register (ADCR)
ADCR enables A/D conversion to be started by an external trigger input.
7
TRGS1
0
R/W
6
TRGS0
0
R/W
5
SCANE
0
R/W
4
SCANS
0
R/W
3
CKS1
0
R/W
2
CKS0
0
R/W
1
0
R
0
0
R
Bit
Bit Name
Initial Value
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
6
TRGS1
TRGS0
0
0
R/W
R/W
Timer Trigger Select 1 and 0
These bits select enabling or disabling of the start of A/D
conversion by a trigger signal.
00: A/D conversion start by external trigger is disabled
01: A/D conversion start by external trigger from TPU is
enabled
10: A/D conversion start by external trigger from TMR is
enabled
11: A/D conversion start by the
ADTRG0 pin is enabled*
5
4
SCANE
SCANS
0
0
R/W
R/W
Scan Mode
These bits select the A/D conversion operating mode.
0X: Single mode
10: Scan mode. A/D conversion is performed
continuously for channels 1 to 4.
11: Scan mode. A/D conversion is performed
continuously for channels 1 to 8.
3
2
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1 and 0
These bits set the A/D conversion time. Set bits CKS1
and CKS0 only while A/D conversion is stopped (ADST =
0).
00: A/D conversion time = 530 states (max)
01: A/D conversion time = 266 states (max)
10: A/D conversion time = 134 states (max)
11: A/D conversion time = 68 states (max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com