Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 965 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 965 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 961Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 962Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 963Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 964Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 965Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 966Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 967Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 968Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 969Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 965 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 913 of 1102
REJ09B0294-0100
(2) Programming Procedure in User Program Mode
The procedures for download of the on-chip program, initialization, and programming are shown
in figure 21.13.
Select on-chip program
to be downloaded and
specify download
destination by FTDAR
Set FKEY to H'A5
Set SCO to 1 after initializing
VBR and execute download
DPFR
= 0?
Yes
No
Download error processing
Set the FPEFEQ
parameter
Yes
End programming
procedure program
FPFR
= 0?
No
Disable interrupts and bus
master operation
other than CPU
Clear FKEY to 0
Programming
JSR FTDAR setting
+ 16
Yes
FPFR
= 1?
No
Clear FKEY and
programming
error processing
Yes
Required data
programming is
completed?
No
Set FKEY to H'5A
Clear FKEY to 0
1.
2.
4.
5.
6.
7.
8.
9.
10.
11.
12.
13.
14.
15.
3.
Initialization
JSR FTDAR setting
+ 32
Initialization error processing
Set parameters to ER1
and ER0
(FMPAR and FMPDR)
1
1
Start programming
procedure program
Figure 21.13 Programming Procedure in User Program Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com