Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 974 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 974 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 970Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 971Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 972Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 973Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 974Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 975Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 976Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 977Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 978Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 974 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 922 of 1102
REJ09B0294-0100
In consideration of these conditions, the areas in which the program data can be stored and
executed are determined by the combination of the processing contents, operating mode, and bank
structure of the memory MATs, as shown in tables 21.8 to 21.10.
Table 21.8
Executable Memory MAT
Operating Mode
Processing Contents
User Program Mode
Programming
See Table 21.9
Erasing
See Table 21.10
Table 21.9
Usable Area for Programming in User Program Mode
Storable/Executable Area
Selected MAT
Item
On-Chip RAM
User MAT
User MAT
Embedded
Program
Storage MAT
Storage area for program data
O
×*
Operation for selecting on-chip
program to be downloaded
O
O
O
Operation for writing H'A5 to FKEY
O
O
O
Execution of writing 1 to SCO bit in
FCCS (download)
O
×
O
Operation for clearing FKEY
O
O
O
Decision of download result
O
O
O
Operation for download error
O
O
O
Operation for setting initialization
parameter
O
O
O
Execution of initialization
O
×
O
Decision of initialization result
O
O
O
Operation for initialization error
O
O
O
NMI handling routine
O
×
O
Operation for disabling interrupts
O
O
O
Operation for writing H'5A to FKEY
O
O
O
Operation for setting programming
parameter
O
×
O
Execution of programming
O
×
O
Decision of programming result
O
×
O
Operation for programming error
O
×
O
Operation for clearing FKEY
O
×
O
Note:
*
Transferring the program data to the on-chip RAM beforehand enables this area to be
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com