Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1041 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1041 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1037Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1038Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1039Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1040Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1041Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1042Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1043Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1044Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1045Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1041 / 1158 page
background image
Section 23 Power-Down Modes
Rev.1.00 Jun. 07, 2006 Page 989 of 1102
REJ09B0294-0100
23.9
Sleep Instruction Exception Handling
Sleep instruction exception handling is exception handling initiated by the execution of a SLEEP
instruction. Sleep instruction exception handling is always accepted while the program is in
execution.
When the SLPIE bit is set to 0, the execution of a SLEEP instruction does not initiate sleep
instruction exception handling. Instead, the CPU enters the power-down state. After this,
generation of an exception handling request that cancels the power-down state causes the power-
down state to be canceled, after which the CPU starts to handle the exception. When the SLPIE bit
is set to 1, sleep instruction exception handling starts after the execution of a SLEEP instruction.
Transitions to the power-down state are inhibited when sleep instruction exception handling is
initiated, and the CPU immediately starts sleep instruction exception handling.
When a SLEEP instruction is executed while the SLPIE bit is cleared to 0, a transition is made to
the power-down state. The power-down state is canceled by a canceling factor interrupt (see figure
23.5).
When a canceling factor interrupt is generated immediately before the execution of a SLEEP
instruction, exception handling for the interrupt starts. When execution returns from the interrupt
handling routine, the SLEEP instruction is executed to enter the power-down state. In this case,
the power-down state is not canceled until the next canceling factor interrupt is generated (see
figure 23.6).
When the SLPIE bit is set to 1 in the handling routine for a canceling factor interrupt so that the
execution of a SLEEP instruction will produce sleep instruction exception handling, the operation
of the system is as shown in figure 23.7. Even if a canceling factor interrupt is generated
immediately before the SLEEP instruction is executed, sleep instruction exception handling is
initiated by execution of the SLEEP instruction. Therefore, the CPU executes the instruction that
follows the SLEEP instruction after sleep instruction exception and exception service routine
without shifting to the power-down state.
When the SLPIE bit is set to 1 to start sleep exception handling, clear the SSBY bit in SBYCR
to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com