Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 104Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 105Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 106Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 107Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 108Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 109Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 110Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 111Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 1158 page
background image
Section 2 CPU
Rev.1.00 Jun. 07, 2006 Page 56 of 1102
REJ09B0294-0100
2.8.2
Register Indirect—@ERn
The operand value is the contents of the memory location which is pointed to by the contents of an
address register (ERn). ERn is specified by the register field of the instruction code.
In advanced mode, if this addressing mode is used in a branch instruction, the lower 24 bits are
valid and the upper 8 bits are all assumed to be 0 (H'00).
2.8.3
Register Indirect with Displacement —@(d:2, ERn), @(d:16, ERn),
or @(d:32, ERn)
The operand value is the contents of a memory location which is pointed to by the sum of the
contents of an address register (ERn) and a 16- or 32-bit displacement. ERn is specified by the
register field of the instruction code. The displacement is included in the instruction code and the
16-bit displacement is sign-extended when added to ERn.
This addressing mode has a short format (@(d:2, ERn)). The short format can be used when the
displacement is 1, 2, or 3 and the operand is byte data, when the displacement is 2, 4, or 6 and the
operand is word data, or when the displacement is 4, 8, or 12 and the operand is longword data.
2.8.4
Index Register Indirect with Displacement—@(d:16,RnL.B), @(d:32,RnL.B),
@(d:16,Rn.W), @(d:32,Rn.W), @(d:16,ERn.L), or @(d:32,ERn.L)
The operand value is the contents of a memory location which is pointed to by the sum of the
following operation result and a 16- or 32-bit displacement: a specified bits of the contents of an
address register (RnL, Rn, ERn) specified by the register field in the instruction code are zero-
extended to 32-bit data and multiplied by 1, 2, or 4. The displacement is included in the instruction
code and the 16-bit displacement is sign-extended when added to ERn. If the operand is byte data,
ERn is multiplied by 1. If the operand is word or longword data, ERn is multiplied by 2 or 4,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com