Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 126Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 127Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 128Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 129Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 130Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 131Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 132Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 133Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 1158 page
background image
Section 4 Exception Handling
Rev.1.00 Jun. 07, 2006 Page 78 of 1102
REJ09B0294-0100
4.2
Exception Sources and Exception Handling Vector Table
Different vector table address offsets are assigned to different exception sources. The vector table
addresses are calculated from the contents of the vector base register (VBR) and vector table
address offset of the vector number. The start address of the exception service routine is fetched
from the exception handling vector table indicated by this vector table address.
Table 4.2 shows the correspondence between the exception sources and vector table address
offsets. Table 4.3 shows the calculation method of exception handling vector table addresses.
Table 4.2
Exception Handling Vector Table
Vector Table Address Offset*
1
Exception Source
Vector Number
Normal Mode*
2
Advanced, Middle*
2,
Maximum*
2 Modes
Reset
0
H'0000 to H'0001
H'0000 to H'0003
Reserved for system use
1
H'0002 to H'0003
H'0004 to H'0007
2
H'0004 to H'0005
H'0008 to H'000B
3
H'0006 to H'0007
H'000C to H'000F
Illegal instruction
4
H'0008 to H'0009
H'0010 to H'0013
Trace
5
H'000A to H'000B
H'0014 to H'0017
Reserved for system use
6
H'000C to H'000D
H'0018 to H'001B
Interrupt (NMI)
7
H'000E to H'000F
H'001C to H'001F
Trap instruction
(#0)
8
H'0010 to H'0011
H'0020 to H'0023
(#1)
9
H'0012 to H'0013
H'0024 to H'0027
(#2)
10
H'0014 to H'0015
H'0028 to H'002B
(#3)
11
H'0016 to H'0017
H'002C to H'002F
CPU address error
12
H'0018 to H'0019
H'0030 to H'0033
DMA address error*
3
13
H'001A to H'001B
H'0034 to H'0037
Reserved for system use
14
17
H'001C to H'001D
H'0022 to H'0023
H'0038 to H'003B
H'0044 to H'0047
Sleep interrupt
18
H'0024 to H'0025
H'0048 to H'004B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com