Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 146Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 147Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 148Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 149Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 150Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 151Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 152Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 153Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 1158 page
background image
Section 5 Interrupt Controller
Rev.1.00 Jun. 07, 2006 Page 98 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
2
1
0
CPUP2
CPUP1
CPUP0
0
0
0
R/(W)*
R/(W)*
R/(W)*
CPU Priority Level 2 to 0
These bits set the CPU priority level. When the
CPUPCE is set to 1, the CPU priority control function
over the DTC and DMAC becomes valid and the priority
of CPU processing is assigned in accordance with the
settings of bits CPUP2 to CPUP0.
000: Priority level 0 (lowest)
001: Priority level 1
010: Priority level 2
011: Priority level 3
100: Priority level 4
101: Priority level 5
110: Priority level 6
111: Priority level 7 (highest)
Note:
*
When the IPSETE bit is set to 1, the CPU priority is automatically updated, so these bits
cannot be modified.
5.3.3
Interrupt Priority Registers A to I, K, L, Q, and R
(IPRA to IPRI, IPRK, IPRL, IPRQ, and IPRR)
IPR sets priory (levels 7 to 0) for interrupts other than NMI.
Setting a value in the range from B'000 to B'111 in the 3-bit groups of bits 14 to 12, 10 to 8, 6 to 4,
and 2 to 0 assigns a priority level to the corresponding interrupt. For the correspondence between
the interrupt sources and the IPR settings, see table 5.2.
Bit
Bit Name
Initial Value
R/W
15
0
R
14
IPR14
1
R/W
13
IPR13
1
R/W
12
IPR12
1
R/W
11
0
R
10
IPR10
1
R/W
9
IPR9
1
R/W
8
IPR8
1
R/W
Bit
Bit Name
Initial Value
R/W
7
0
R
6
IPR6
1
R/W
5
IPR5
1
R/W
4
IPR4
1
R/W
3
0
R
2
IPR2
1
R/W
1
IPR1
1
R/W
0
IPR0
1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com