Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 158Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 159Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 160Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 161Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 162Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 163Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 164Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 165Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 1158 page
background image
Section 5 Interrupt Controller
Rev.1.00 Jun. 07, 2006 Page 110 of 1102
REJ09B0294-0100
Detection of IRQn interrupts is enabled through the P1ICR, P2ICR, and P5ICR register settings,
and does not change regardless of the output setting. However, when a pin is used as an external
interrupt input pin, the pin must not be used as an I/O pin for another function by clearing the
corresponding DDR bit to 0.
A block diagram of interrupts IRQn is shown in figure 5.2.
IRQn interrupt request
IRQnE
IRQnF
S
R
Q
Clear signal
Edge/level
detection circuit
Input buffer
Corresponding bit
in ICR
IRQnSF, IRQnSR
IRQn input
[Legend]
n = 11 to 0
Figure 5.2 Block Diagram of Interrupts IRQn
When the IRQ sensing control in ISCR is set to a low level of signal
IRQn, the level of IRQn
should be held low until an interrupt handling starts. Then set the corresponding input signal
IRQn
to high in the interrupt handling routine and clear the IRQnF to 0. Interrupts may not be executed
when the corresponding input signal
IRQn is set to high before the interrupt handling begins.
5.4.2
Internal Interrupts
The sources for internal interrupts from on-chip peripheral modules have the following features:
• For each on-chip peripheral module there are flags that indicate the interrupt request status,
and enable bits that enable or disable these interrupts. They can be controlled independently.
When the enable bit is set to 1, an interrupt request is issued to the interrupt controller.
• The interrupt priority can be set by means of IPR.
• The DTC and DMAC can be activated by a TPU, SCI, or other interrupt request.
• The priority levels of DTC and DMAC activation can be controlled by the DTC and DMAC
priority control functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com