Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 170Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 171Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 172Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 173Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 174Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 175Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 176Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 177Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 1158 page
background image
Section 5 Interrupt Controller
Rev.1.00 Jun. 07, 2006 Page 122 of 1102
REJ09B0294-0100
Table 5.5
Number of Execution States in Interrupt Handling Routine
Object of Access
External Device
8-Bit Bus
16-Bit Bus
Symbol
On-Chip
Memory
2-State
Access
3-State
Access
2-State
Access
3-State
Access
Vector fetch S
h
1
8
12 + 4m
4
6 + 2m
Instruction fetch S
I
1
4
6 + 2m
2
3 + m
Stack manipulation S
K
1
8
12 + 4m
4
6 + 2m
[Legend]
m:
Number of wait cycles in an external device access.
5.6.5
DTC and DMAC Activation by Interrupt
The DTC and DMAC can be activated by an interrupt. In this case, the following options are
available:
• Interrupt request to the CPU
• Activation request to the DTC
• Activation request to the DMAC
• Combination of the above
For details on interrupt requests that can be used to activate the DTC and DMAC, see table 5.2,
section 7, DMA Controller (DMAC), and section 8, Data Transfer Controller (DTC).
Figure 5.6 shows a block diagram of the DTC, DMAC, and interrupt controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com