Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 190Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 191Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 192Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 193Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 194Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 195Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 196Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 197Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 142 of 1102
REJ09B0294-0100
6.2.4
Read Strobe Timing Control Register (RDNCR)
RDNCR selects the negation timing of the read strobe signal (
RD) when reading the external
address spaces specified as a basic bus interface or the address/data multiplexed I/O interface.
Bit
Bit Name
Initial Value
R/W
15
RDN7
0
R/W
14
RDN6
0
R/W
13
RDN5
0
R/W
12
RDN4
0
R/W
11
RDN3
0
R/W
10
RDN2
0
R/W
9
RDN1
0
R/W
8
RDN0
0
R/W
Bit
Bit Name
Initial Value
R/W
7
0
R
6
0
R
5
0
R
4
0
R
3
0
R
2
0
R
1
0
R
0
0
R
Bit
Bit Name
Initial
Value
R/W
Description
15
14
13
12
11
10
9
8
RDN7
RDN6
RDN5
RDN4
RDN3
RDN2
RDN1
RDN0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Read Strobe Timing Control
RDN7 to RDN0 set the negation timing of the read
strobe in a corresponding area read access.
As shown in figure 6.2, the read strobe for an area for
which the RDNn bit is set to 1 is negated one half-
cycle earlier than that for an area for which the RDNn
bit is cleared to 0. The read data setup and hold time
are also given one half-cycle earlier.
0: In an area n read access, the
RD signal is negated
at the end of the read cycle
1: In an area n read access, the
RD signal is negated
one half-cycle before the end of the read cycle
(n = 7 to 0)
7 to 0
All 0
R
Reserved
These are read-only bits and cannot be modified.
Notes: 1. In an external address space which is specified as byte control SRAM interface, the
RDNCR setting is ignored and the same operation when RDNn = 1 is performed.
2. In an external address space which is specified as burst ROM interface, the RDNCR
setting is ignored during CPU read accesses and the same operation when RDNn = 0 is
performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com