Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 227Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 228Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 229Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 230Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 231Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 232Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 233Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 234Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 179 of 1102
REJ09B0294-0100
Output waveform
B
φ
Area 5 access
CS6
CS5
Area 6 access
Area 5 access
Area 6 access
Address bus
Figure 6.10 Timing When
CS Signal is Output to the Same Pin
6.5.4
External Bus Interface
The type of the external bus interfaces, bus width, endian format, number of access cycles, and
strobe assert/negate timings can be set for each area in the external address space. The bus width
and the number of access cycles for both on-chip memory and internal I/O registers are fixed, and
are not affected by the external bus settings.
(1) Type of External Bus Interface
Four types of external bus interfaces are provided and can be selected in area units. Table 6.4
shows each interface name, description, area name to be set for each interface. Table 6.5 shows the
areas that can be specified for each interface. The initial state of each area is a basic bus interface.
Table 6.4
Interface Names and Area Names
Interface
Description
Area Name
Basic interface
Directly connected to ROM and
RAM
Basic bus space
Byte control SRAM interface
Directly connected to byte
SRAM with byte control pin
Byte control SRAM space
Burst ROM interface
Directly connected to the ROM
that allows page access
Burst ROM space
Address/data multiplexed I/O
interface
Directly connected to the
peripheral LSI that requires
address and data multiplexing
Address/data multiplexed I/O
space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com