Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 335 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 335 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 331Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 332Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 333Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 334Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 335Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 336Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 337Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 338Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 339Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 303 of 1468
REJ09B0412-0200
(3)
Refresh and All-Module Clock Stop Mode
This LSI is entered in all-module clock stop mode by the following operation: Stop the clocks of
all on-chip peripheral modules by setting the ACSE bit in MSTPCR to 1 (MSTPCRA, MSTPCRB
= H'FFFFFFFF) or run only the 8-bit timer (MSTPCRA, MSTPCRB = H'F[C to F]FFFFFF), then
execute the SLEEP instruction to enter the sleep mode.
In all-module clock stop mode, clocks for the bus controller and I/O ports are stopped. Since the
clock for the bus controller is stopped, a CBR refresh cycle cannot be performed. When external
DRAM is used and the contents of the DRAM in sleep mode should be held, clear the ACSE bit in
MSTPCE to 0.
For details, see section 28.2.2, Module Stop Control Registers A and B (MSTPCRA and
MSTPCRB).
9.10.13
DRAM Interface and Single Address Transfer by DMAC and EXDMAC
When fast-page mode (BE = 1) is set for the DRAM space, either fast-page access or full access
can be selected, by the setting of bits DDS and EDDS in DRAMCR, for the single address transfer
by the DMAC or EXDMAC where the DRAM space is specified as the transfer source or
destination. At the same time, the output timings of the
DACK, EDACK and BS signals are
changed. When BE
= 0, full access to the DRAM space is performed by single address transfer
regardless of the setting of bits DDS and EDDS. However, the output timing of the
DACK,
EDACK and BS signals can be changed by the setting of bits DDS and EDDS.
The assertion timing of the
DACK and EDACK signal can be changed by bits DKC and EDKC in
BCR1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com