Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 335Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 336Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 337Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 338Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 339Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 340Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 341Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 342Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 307 of 1468
REJ09B0412-0200
9.11.2
Address Multiplexing
A Row address and a column address are multiplexed in the SDRAM space. Select the number of
row address bits to be shifted with bits MXC1 and MXC0 in DRAMCR. The precharge set
command (Precharge-sel) is output on the upper column address. Table 9.25 lists the relationship
among bits MXC1 and MXC0 and shifted bit number.
Table 9.25
Relationship Among MXC1 and MXC0 and Shifted Bit Count
DRAMCR
Row address
Column address
Row address
Column address
MXC1
0
0
8 bits
8 bits
16 bits
MXC0
A23 to A18 A17
A16 A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
A23 to A18
--
A23
A22
A21
A20
A19 P/A18* A17
A16
A15
A14
A13
A12
A11
A10
A9
A8
A23 to A18
--
A23
A22
A21
A20
A19
P
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
A23 to A18
--
A23
A22
A21
A20 P/A19* A18
A17
A16
A15
A14
A13
A12
A11
A10
A9
A8
A23 to A18
--
A23
A22
A21
A20
P
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Row address
Column address
Row address
Column address
1
0
10 bits 8 bits
16 bits
A23 to A18
--
--
A23
A22
A21 P/A20* A19
A18
A17
A16
A15
A14
A13
A12
A11
A10
A23 to A18
--
--
A23
A22
A21P
A9A8A7A6A5A4A3A2A1A0
A23 to A18
--
--
A23
A22 P/A21* A20
A19
A18
A17
A16
A15
A14
A13
A12
A11
A10
A23 to A18
--
--
A23
A22
P
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Row address
Column address
Row address
Column address
0
1
9 bits
8 bits
16 bits
A23 to A18 A17
--
A23
A22
A21
A20 P/A19* A18
A17
A16
A15
A14
A13
A12
A11
A10
A9
A23 to A18 A17
--
A23
A22
A21
A20
P
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
A23 to A18 A17
--
A23
A22
A21 P/A20* A19
A18
A17
A16
A15
A14
A13
A12
A11
A10
A9
A23 to A18 A17
--
A23
A22
A21
P
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Row address
Column address
Row address
Column address
1
1
11 bits 8 bits
16 bits
A23 to A18 A17
-
---
A23
A22 P/A21* A20
A19
A18
A17
A16
A15
A14
A13
A12
A11
A23 to A18 A17
-
---
A23
A10P
A9A8A7A6A5A4A3A2A1A0
A23 to A18 A17
-
---
A23 P/A22* A21
A20
A19
A18
A17
A16
A15
A14
A13
A12
A11
A23 to A18 A17
-
---
A11
P
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Note:
* When issuing the PALL command, precharge-sel = 1 is output and when issuing the ACTIV command, a corresponding address is output.
Shift Bit
Count
Data Bus
Width
Address
External Address Pin
9.11.3
Data Bus
Either 8 or 16 bits can be selected as the data bus width of the SDRAM space by bits ABWH2 and
ABWL2 in ABWCR. SDRAM with 16-bit words can be connected directly to 16-bit bus width
space.
D7 to D0 are valid in 8-bit SDRAM space and D15 to D0 are valid in 16-bit SDRAM space.
The data endian format can be selected by bit LE2 in ENDIANCR. For details on the access size
and alignment, see section 9.5.6, Endian and Data Alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com