Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 438 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 438 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 434Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 435Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 436Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 437Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 438Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 439Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 440Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 441Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 442Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 406 of 1468
REJ09B0412-0200
10.5.2
Transfer Modes
(1)
Normal Transfer Mode
In normal transfer mode, one data access size of data is transferred at a single transfer request. Up
to 4 Gbytes can be specified as a total transfer size by DTCR. DBSR is ignored in normal transfer
mode.
The
TEND signal is output only in the last DMA transfer.
Figure 10.7 shows an example of the signal timing in normal transfer mode and figure 10.8 shows
the operation in normal transfer mode.
Read
Write
Read
Write
DMA transfer
cycle
Last DMA
transfer cycle
Bus cycle
Auto request transfer in dual address mode:
External request transfer in single address mode:
TEND
DMA
DMA
DREQ
Bus cycle
DACK
Figure 10.7 Example of Signal Timing in Normal Transfer Mode
Transfer
Total transfer
size (DTCR)
Address TA
Address BA
Address TB
Address BB
Figure 10.8 Operations in Normal Transfer Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com