Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 440 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 440 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 436Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 437Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 438Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 439Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 440Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 441Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 442Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 443Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 444Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 408 of 1468
REJ09B0412-0200
Transfer
Address TA
Address TB
Address BB
Address BA
Operation when the repeat area is specified
to the source side
Repeat size =
BKSZH
×
data access size
Total transfer
size (DTCR)
Figure 10.9 Operations in Repeat Transfer Mode
(3)
Block Transfer Mode
In block transfer mode, one block size of data is transferred at a single transfer request. Up to 4
Gbytes can be specified as total transfer size by DTCR. The block size can be specified in DBSR
up to 64K
× data access size.
While one block of data is being transferred, transfer requests from other channels are suspended.
When the transfer is completed, the bus is released to the other bus master.
The block area can be specified for the source or destination address side by bits ARS1 and ARS0
in DACR. The address specified as the block area returns to the transfer start address when the
block size of data is completed. When the block area is specified as neither source nor destination
address side, the operation continues without returning the address to the transfer start address. A
repeat size end interrupt can be requested.
The
TEND signal is output every time 1-block data is transferred in the last DMA transfer cycle.
When an interrupt request by an extended repeat area overflow is used in block transfer mode,
settings should be selected carefully. For details, see section 10.5.5, Extended Repeat Area
Function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com