Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 447 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 447 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 443Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 444Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 445Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 446Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 447Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 448Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 449Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 450Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 451Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 415 of 1468
REJ09B0412-0200
10.5.5
Extended Repeat Area Function
The source and destination address sides can be specified as the extended repeat area. The contents
of the address register repeat addresses within the area specified as the extended repeat area. For
example, to use a ring buffer as the transfer target, the contents of the address register should
return to the start address of the buffer every time the contents reach the end address of the buffer
(overflow on the ring buffer address). This operation can automatically be performed using the
extended repeat area function of the DMAC.
The extended repeat areas can be specified independently to the source address register (DSAR)
and destination address register (DDAR).
The extended repeat area on the source address is specified by bits SARA4 to SARA0 in DACR.
The extended repeat area on the destination address is specified by bits DARA4 to DARA0 in
DACR. The extended repeat area sizes for each side can be specified independently.
A DMA transfer is stopped and an interrupt by an extended repeat area overflow can be requested
to the CPU when the contents of the address register reach the end address of the extended repeat
area. When an overflow on the extended repeat area set in DSAR occurs while the SARIE bit in
DACR is set to 1, the ESIF bit in DMDR is set to 1 and the DTE bit in DMDR is cleared to 0 to
stop the transfer. At this time, if the ESIE bit in DMDR is set to 1, an interrupt by an extended
repeat area overflow is requested to the CPU. When the DARIE bit in DACR is set to 1, an
overflow on the extended repeat area set in DDAR occurs, meaning that the destination side is a
target. During the interrupt handling, setting the DTE bit in DMDR resumes the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com