Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 451 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 451 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 447Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 448Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 449Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 450Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 451Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 452Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 453Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 454Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 455Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 419 of 1468
REJ09B0412-0200
The address is calculated by the offset set in DOFR and the contents of DSAR and DDAR.
Although the DMAC calculates only addition, an offset subtraction can be realized by setting the
negative value in DOFR. In this case, the negative value must be 2's complement.
(1)
Basic Transfer Using Offset
Figure 10.18 shows a basic operation of a transfer using the offset addition.
Data 1
Offset
Address A1
Transfer
Address A2
= Address A1 + Offset
Address B1
Address B2 = Address B1 + 4
Address B3 = Address B2 + 4
Address B4 = Address B3 + 4
Address B5 = Address B4 + 4
Address A3
= Address A2 + Offset
Address A4
= Address A3 + Offset
Address A5
= Address A4 + Offset
Offset
Offset
Offset
Transfer source:
Offset addition
Transfer destination: Increment by 4 (longword)
Data 1
Data 2
Data 3
Data 4
Data 5
:
:
:
:
Data 2
Data 3
Data 4
Data 5
Figure 10.18 Operation of Offset Addition
In figure 10.18, the offset addition is selected as the transfer source address update and increment
or decrement by 1, 2, or 4 is selected as the transfer destination address. The address update means
that data at the address which is away from the previous transfer source address by the offset is
read from. The data read from the address away from the previous address is written to the
consecutive area in the destination side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com