Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 453 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 453 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 449Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 450Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 451Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 452Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 453Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 454Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 455Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 456Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 457Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 453 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 421 of 1468
REJ09B0412-0200
When a transfer starts, the transfer source address is added to the offset every time data is
transferred. The transfer data is written to the destination continuous addresses. When data 4 is
transferred meaning that the repeat size of transfers is completed, the transfer source address
returns to the transfer start address (address of data 1 on the transfer source) and a repeat size end
interrupt is requested. While this interrupt stops the transfer temporarily, the contents of DSAR are
written to the address of data 5 by the CPU (when the data access size is longword, write the data
1 address + 4). When the DTE bit in DMDR is set to 1, the transfer is resumed from the state when
the transfer is stopped. Accordingly, operations are repeated and the transfer source data is
transposed to the destination area (XY conversion).
Figure 10.20 shows a flowchart of the XY conversion.
: User operation
: DMAC operation
Start
Set address and transfer count
Set repeat transfer mode
Set DTE bit to 1
Receives transfer request
Transfers data
Decrements transfer count
and repeat size
Enable repeat escape interrupt
Set transfer source address + 4
Initializes transfer source address
Generates repeat size end
interrupt request
Transfer count = 0?
Repeat size = 0?
End
No
No
Yes
Yes
(Longword transfer)
Figure 10.20 XY Conversion Flowchart Using Offset Addition in Repeat Transfer Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com