Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 456 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 456 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 452Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 453Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 454Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 455Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 456Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 457Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 458Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 459Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 424 of 1468
REJ09B0412-0200
While data is being transferred, DDAR must be accessed in longwords. If the upper word and
lower word are read separately, incorrect data may be read from since the contents of DDAR
during the transfer may be updated regardless of the access by the CPU. Moreover, DDAR for the
channel being transferred must not be written to.
(3)
DMA Transfer Count Register (DTCR)
A DMA transfer decrements the contents of DTCR by the transferred bytes. When byte data is
transferred, DTCR is decremented by 1. When word data is transferred, DTCR is decremented by
2. When longword data is transferred, DTCR is decremented by 4. However, when DTCR = 0, the
contents of DTCR are not changed since the number of transfers is not counted.
While data is being transferred, all the bits of DTCR may be changed. DTCR must be accessed in
longwords. If the upper word and lower word are read separately, incorrect data may be read from
since the contents of DTCR during the transfer may be updated regardless of the access by the
CPU. Moreover, DTCR for the channel being transferred must not be written to.
When a conflict occurs between the address update by DMA transfer and write access by the CPU,
the CPU has priority. When a conflict occurs between change from 1, 2, or 4 to 0 in DTCR and
write access by the CPU (other than 0), the CPU has priority in writing to DTCR. However, the
transfer is stopped.
(4)
DMA Block Size Register (DBSR)
DBSR is enabled in block or repeat transfer mode. Bits 31 to 16 in DBSR function as BKSZH and
bits 15 to 0 in DBSR function as BKSZ. The BKSZH bits (16 bits) store the block size and repeat
size and its value is not changed. The BKSZ bits (16 bits) function as a counter for the block size
and repeat size and its value is decremented every transfer by 1. When the BKSZ value is to
change from 1 to 0 by a DMA transfer, 0 is not stored but the BKSZH value is loaded into the
BKSZ bits.
Since the upper 16 bits of DBSR are not updated, DBSR can be accessed in words.
DBSR for the channel being transferred must not be written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com