Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 507 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 507 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 503Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 504Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 505Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 506Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 507Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 508Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 509Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 510Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 511Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 507 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 475 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
value
R/W
Description
21
20
SAT1
SAT0
0
0
R/W
R/W
Source Address Update Mode 1 and 0
These bits specify incrementing/decrementing of the
transfer source address (EDSAR). When the transfer
source is not specified in EDSAR in single address
mode, the specification by these bits is ignored.
00: Fixed
01: Offset added
10: Incremented (+1, +2, or +4 according to the data
access size)
11: Decremented (
−1, −2, or −4 according to the data
access size)
19, 18
All 0
R
Reserved
They are always read as 0 and cannot be modified.
17
16
DAT1
DAT0
0
0
R/W
R/W
Destination Address Update Mode 1 and 0
These bits specify incrementing/decrementing of the
transfer destination address (EDDAR). When the
transfer source is not specified in EDDAR in single
address mode, the specification by these bits is
ignored.
00: Fixed
01: Offset added
10: Incremented (+1, +2, or +4 according to the data
access size)
11: Decremented (
−1, −2, or −4 according to the data
access size)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com