Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 509 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 509 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 505Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 506Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 507Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 508Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 509Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 510Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 511Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 512Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 513Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 477 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
value
R/W
Description
7
DARIE
0
R/W
Destination Address Extended Repeat Area Overflow
Interrupt Enable
Enables or disables a destination address extended
repeat area overflow interrupt request.
When this bit is set to 1, in the event of destination
address extended repeat area overflow, the DTE bit in
EDMDR is cleared to 0. At the same time, the ESIF bit
in EDMDR is set to 1 to indicate that a destination
address extended repeat area overflow interrupt is
requested.
When used together with block transfer mode, an
interrupt is requested at the end of a block-size transfer.
If DTE bit is set to 1 in EDMDR for the channel on
which transfer is terminated by an interrupt, transfer can
be resumed from the state in which it ended. If a
destination address extended repeat area is not
designated, the specification by this bit is ignored.
0: Destination address extended repeat area overflow
interrupt request disabled
1: Destination address extended repeat area overflow
interrupt request enabled
6, 5
All 0
R
Reserved
They are always read as 0 and cannot be modified.
4
3
2
1
0
DARA4
DARA3
DARA2
DARA1
DARA0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
Destination Address Extended Repeat Area
These bits specify the destination address (EDDAR)
extended repeat area.
The extended repeat area function updates the
specified lower address bits, leaving the remaining
upper address bits always the same. An extended
repeat area size of 4 bytes to 128 Mbytes can be
specified. The setting interval is a power-of-two number
of bytes.
When extended repeat area overflow results from
incrementing or decrementing an address, the lower
address is the start address of the extended repeat
area in the case of address incrementing, or the last
address of the extended repeat area in the case of
address decrementing.
If the DARIE bit is set to 1, an interrupt can be
requested when an extended repeat area overflow
occurs.
Table 11.3 shows the settings and ranges of the
extended repeat area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com