Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 553 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 553 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 549Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 550Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 551Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 552Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 553Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 554Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 555Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 556Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 557Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 553 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 521 of 1468
REJ09B0412-0200
B
φ
EDACK
Bus cycle
ETEND
CPU cycle
EXDMA single
transfer cycle
EXDMA single
transfer cycle
EXDMA single
transfer cycle
External
space
External space
External space
External space
CPU cycle
CPU cycle
CPU cycle
One bus cycle
Last transfer cycle
CPU operation
Figure 11.40 Auto-Request/Normal Transfer Mode/Cycle Steal Mode
(CPU Cycles/Single Address Mode)
(2)
Auto-Request/Normal Transfer Mode/Burst Mode
With auto-request (in burst mode), when the DTE bit is set to 1 in EDMDR, an EXDMA transfer
cycle is started a minimum of three cycles later. Once transfer is started, it continues (as a burst)
until the transfer end condition is satisfied. Transfer requests for other channels are held pending
until the end of transfer on the current channel.
Figures 11.41 to 11.43 show operation timing examples for various conditions.
CPU cycle
CPU cycle
CPU cycle
EXDMAC
read
EXDMAC
write
EXDMAC
read
EXDMAC
write
EXDMAC
read
EXDMAC
write
Repeated
External
space
External space
External
space
1
B
φ
Bus cycle
CPU operation
ETEND
DTE bit
Last transfer cycle
0
Figure 11.41 Auto-Request/Normal Transfer Mode/Burst Mode
(CPU Cycles/Dual Address Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com