Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 550 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 550 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 546Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 547Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 548Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 549Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 550Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 551Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 552Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 553Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 554Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 550 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 518 of 1468
REJ09B0412-0200
(4)
EDREQ Pin Low Level Activation Timing
Figure 11.37 shows an example of single address mode transfer activated by the
EDREQ pin low
level.
EDREQ pin sampling is performed in each cycle starting at the next rise of Bφ after the end of the
DTE bit write cycle.
When a low level is sampled at the
EDREQ pin while acceptance of a transfer request via the
EDREQ pin is possible, the request is held within the EXDMAC. Then when activation is initiated
within the EXDMAC, the request is cleared. After the end of the single cycle, acceptance resumes
and
EDREQ pin low level sampling is performed again. This sequence of operations is repeated
until the end of the transfer.
Request
Idle
Idle
Idle
Request
Minimum 3 cycles
Minimum 3 cycles
Transfer source/
Transfer destination
Single
Bus
release
Bus
release
Bus
release
EXDMA single
EXDMA single
B
φ
EDREQ
Address bus
EXDMA control
Channel
[1]
[2]
[3]
[4]
[5]
[6]
[7]
Acceptance resumed
Acceptance resumed
[1] Acceptance after transfer enabling;
EDREQ pin low level is sampled at rise of Bφ, and request is held.
[2], [5] Request is cleared at end of next bus cycle, and activation is started in EXDMAC.
[3], [6] EXDMA cycle starts.
[4], [7] Acceptance is resumed after completion of single cycle.
(As in [1],
EDREQ pin low level is sampled at rise of Bφ, and request is held.)
Transfer source/
Transfer destination
Single
EDACK
Request clearance period
Request clearance period
Figure 11.37 Example of Single Address Mode Transfer Activated
by
EDREQ Pin Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com