Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 548 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 548 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 544Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 545Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 546Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 547Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 548Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 549Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 550Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 551Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 552Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 548 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 516 of 1468
REJ09B0412-0200
(2)
Single Address Mode (Write in Cycle Steal Mode)
In single address mode, the bus is released after one byte, word, or longword has been transferred
in response to one transfer request. While the bus is released, one or more CPU, DMAC, or DTC
bus cycles are initiated.
Figure 11.35 shows an example of transfer when
ETEND output is enabled, and byte-size, single
address mode transfer (write) is performed from an external device to external 8-bit, 2-state access
space.
Bus
release
Bus
release
EXDMA write
B
φ
Address bus
Bus
release
Bus
release
Last transfer
cycle
ETEND
EDACK
EXDMA write
EXDMA write
EXDMA write
LLWR
Bus
release
Figure 11.35 Example of Single Address Mode (Byte Write) Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com