Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 546 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 546 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 542Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 543Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 544Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 545Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 546Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 547Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 548Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 549Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 550Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 546 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 514 of 1468
REJ09B0412-0200
(6)
EDREQ Pin Low Level Activation Timing with NRD = 1 Specified
When the NRD bit is set to 1 in EDMDR, the acceptance timing of the next transfer request can be
delayed one cycle later.
Figure 11.33 shows an example of normal transfer mode transfer activated by the
EDREQ pin low
level with NRD = 1 specified.
EDREQ pin sampling is performed in each cycle starting at the next rise of Bφ after the end of the
DTE bit write cycle.
When a low level is sampled at the
EDREQ pin while acceptance of a transfer request via the
EDREQ pin is possible, the request is held within the EXDMAC. Then when activation is initiated
within the EXDMAC, the request is cleared. After the end of the write cycle, acceptance resumes
when one cycle of the request clearance period specified by NRD = 1 expires and
EDREQ pin low
level sampling is performed again. This sequence of operations is repeated until the end of the
transfer.
Request clearance period
Transfer
source
Transfer
destination
Transfer
destination
Transfer
source
Bus release
Bus release
Bus release
EXDMA read EXDMA write
EXDMA read EXDMA write
B
φ
EDREQ
Address
bus
Channel
[1]
[2]
[3]
[4]
[5]
[6]
[7]
Acceptance resumed
Acceptance resumed
[1] Acceptance after transfer enabling;
EDREQ pin low level is sampled at rise of Bφ, and request is held.
[2], [5] Request is cleared at end of next bus cycle, and activation is started in EXDMAC.
[3], [6] EXDMA cycle starts.
[4], [7] Acceptance is resumed after completion of write cycle plus one cycle.
(As in [1],
EDREQ pin low level is sampled at rise of Bφ, and request is held.)
Request
Request
Minimum 3 cycles
Minimum 3 cycles
Request clearance period
Extended request
clearance period
specified by NRD
Extended request
clearance period
specified by NRD
Figure 11.33 Example of Normal Transfer Mode Transfer Activated
by
EDREQ Pin Low Level with NRD = 1 Specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com