Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 563 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 563 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 559Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 560Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 561Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 562Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 563Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 564Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 565Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 566Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 567Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 563 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 531 of 1468
REJ09B0412-0200
11.6
Operation in Cluster Transfer Mode
In cluster transfer mode, transfer is performed by the consecutive read and write operations of 1 to
32 bytes using the cluster buffer. A part of the cluster transfer mode function differs from the
ordinary transfer mode functions (normal transfer, repeat transfer, and block transfer modes).
11.6.1
Address Mode
(1)
Cluster Transfer Dual Address Mode (AMS = 0)
In this mode, both the transfer source and destination addresses are specified for transfer in the
EXDMAC internal registers. The transfer source address is set in the source address register
(EDSAR), and the transfer destination address is set in the destination address register (EDDAR).
The transfer is processed by performing the consecutive read of a cluster-size from the transfer
source address and then the consecutive write of that data to the transfer destination address. One
data access size to 32 bytes can be specified as a cluster size. When one data access size is
specified as a cluster size, block transfer mode (dual address mode) is used.
The cycles in a cluster-size transfer are indivisible: another bus cycle (external access by another
bus master, refresh cycle, or external bus release cycle) does not occur in a cluster-size transfer.
ETEND pin output can be enabled or disabled by means of the ETENDE bit in EDMDR. ETEND
is output for the last write cycle. The
EDACK signal is not output.
Figure 11.53 shows the data flow in the cluster transfer mode (dual address mode), figure 11.54
shows an example of the timing in cluster transfer dual address mode, and figure 11.55 shows the
cluster transfer dual address mode operation.
Consecutive
read
Consecutive
write
LSI
Cluster buffer
EDSAR access
Read
Read
Read
Read
One cluster size
One cluster size
EDDAR acces
Write
Write
Write
Write
Transfer destination: External device
Transfer source: External memory
Figure 11.53 Data Flow in Cluster Transfer Dual Address Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com