Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 567 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 567 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 563Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 564Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 565Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 566Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 567Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 568Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 569Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 570Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 571Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 567 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 535 of 1468
REJ09B0412-0200
(3)
Cluster Transfer Write Address Mode (AMS = 1, DIRS = 1)
In this mode, the transfer destination address is specified in the destination address register
(EDDAR) and data in the cluster butter is written to the transfer destination. In this mode, the
TSEIE bit in the mode control register (EDMDR) must be set to 1.
One data access size to 32 bytes can be specified as a cluster size for the consecutive write
operation. When one data access size is specified as a cluster size, the cluster transfer write
address mode is used.
The cycles in a cluster-size transfer are indivisible: another bus cycle (external access by another
bus master, refresh cycle, or external bus release cycle) does not occur in a cluster-size transfer.
ETEND pin output can be enabled or disabled by means of the ETENDE bit in EDMDR. ETEND
is output for the last write cycle. When an idle cycle is inserted before the last write cycle, the
ETEND signal is also output in the idle cycle.
In this mode, the EDACKE bit in EDMCR must be set to 0 to disable the
EDACK pin output.
Figure 11.59 shows the data flow in the cluster transfer write address mode (from the cluster
buffer to the external memory), and figure 11.60 shows an example of the timing in cluster
transfer write address mode.
LSI
Transfer
destination
external
memory
EDDAR access
External data bus
Cluster buffer
When initializing an area by the specified data, write the specified data from cluster buffer 0 into a register
sequentially. Then, specify the buffer size written in the register as a cluster size and the area to be initialized
as DAR, and then execute transfer in this mode.
Figure 11.59 Data Flow in Cluster Transfer Write Address Mode
(from Cluster Buffer to External Memory)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com