Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 571 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 571 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 567Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 568Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 569Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 570Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 571Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 572Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 573Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 574Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 575Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 571 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 539 of 1468
REJ09B0412-0200
(3)
EDREQ Pin Low Level Activation Timing
Figure 11.63 shows an example of cluster transfer mode transfer activated by the
EDREQ pin low
level.
EDREQ pin sampling is performed in each cycle starting at the next rise of Bφ after the end of the
DTE bit write cycle.
When a low level is sampled at the
EDREQ pin while acceptance of a transfer request via the
EDREQ pin is possible, the request is held within the EXDMAC. Then when activation is initiated
within the EXDMAC, the request is cleared. At the end of the last cluster write cycle, acceptance
resumes and
EDREQ pin low level sampling is performed again. This sequence of operations is
repeated until the end of the transfer.
When NRD bit = 0 in EDMDR, acceptance resumes at the end of the last cluster write cycle and
EDREQ pin low level sampling is performed again. This sequence of operations is repeated until
the end of the transfer.
When NRD bit = 1 in EDMDR, acceptance resumes after one cycle from the end of the last cluster
write cycle, and
EDREQ pin low level sampling is performed again. This sequence of operations
is repeated until the end of the transfer.
Bus release
Bus release
One cluster transfer
One cluster transfer
B
φ
EDREQ
Address bus
Channel
EXDMA control
[1]
[1]
[2] [5]
[3] [6]
[4] [7]
Acceptance after transfer enabling;
EDREQ pin low level is sampled at rise of Bφ, and request is held.
Request is cleared at the end of next bus cycle, and activation is started in EXDMAC.
EXDMA cycle stars.
Acceptance is resumed after completion of wite cycle.
(As in [1],
EDREQ pin low level is sampled at rise of Bφ, and request is held.)
[2]
[3]
[4]
[5]
[6]
[7]
Transfer source
Transfer source
Transfer destination
Transfer destination
Consecutive read
Consecutive read
Consecutive write
Consecutive write
Request clearance period
Request clearance period
Request
Request
Minimum 3 cycles
Minimum 3 cycles
Figure 11.63 Example of Cluster Transfer Mode Transfer Activated
by
EDREQ Pin Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com