Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 572 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 572 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 568Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 569Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 570Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 571Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 572Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 573Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 574Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 575Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 576Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 572 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 540 of 1468
REJ09B0412-0200
11.6.5
Operation Timing in Cluster Transfer Mode
This section describes examples of operation timing in cluster transfer mode. The CPU external
bus cycle is shown as an example of conflict with another bus master.
(1)
Auto-Request/Cluster Transfer Mode/Cycle Steal Mode
With auto-request (in cycle steal mode), when the DTE bit is set to 1 in EDMDR, a continuous
EXDMA transfer cycle is started a minimum of three cycles later. If there is a transfer request for
another channel of higher priority, the transfer request by the original channel is held pending, and
transfer is performed on the higher-priority channel from the next transfer. Transfer on the original
channel is resumed on completion of the higher-priority channel transfer.
The cluster transfer mode (read address mode and write address mode) can not be used with the
cluster transfer mode (dual address mode) among more than one channel at the same time. When
using the cluster transfer mode (read address mode and write address mode), do not set the cluster
transfer mode for another channel.
Figures 11.64 to 11.66 show operation timing examples for various conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com