Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 576 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 576 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 572Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 573Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 574Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 575Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 576Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 577Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 578Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 579Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 580Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 576 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 544 of 1468
REJ09B0412-0200
(2)
External Request/Cluster Transfer Mode/Cycle Steal Mode
With external requests, a cluster-size transfer is performed continuously. The start timing of the
next cluster transfer is the same as for normal transfer mode.
If a transfer request is generated for another channel, an EXDMA cycle for the other channel is
generated before the next cluster transfer.
The cluster transfer mode (read address mode and write address mode) can not be used with the
cluster transfer mode (dual address mode) among more than one channel at the same time. When
using the cluster transfer mode (read address mode and write address mode), do not set the cluster
transfer mode for another channel.
The
EDREQ pin sensing timing is different for low level sensing and falling edge sensing. The
same applies to transfer request acceptance and transfer start timing.
Figures 11.67 to 11.69 show operation timing examples for various conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com