Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 591 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 591 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 587Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 588Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 589Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 590Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 591Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 592Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 593Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 594Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 595Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 591 / 1504 page
background image
Section 12 Data Transfer Controller (DTC)
Rev. 2.00 Sep. 24, 2008 Page 559 of 1468
REJ09B0412-0200
Section 12 Data Transfer Controller (DTC)
This LSI includes a data transfer controller (DTC). The DTC can be activated to transfer data by
an interrupt request.
12.1
Features
• Transfer possible over any number of channels:
Multiple data transfer enabled for one activation source (chain transfer)
Chain transfer specifiable after data transfer (when the counter is 0)
• Three transfer modes
Normal/repeat/block transfer modes selectable
Transfer source and destination addresses can be selected from increment/decrement/fixed
• Short address mode or full address mode selectable
 Short address mode
Transfer information is located on a 3-longword boundary
The transfer source and destination addresses can be specified by 24 bits to select a 16-
Mbyte address space directly
 Full address mode
Transfer information is located on a 4-longword boundary
The transfer source and destination addresses can be specified by 32 bits to select a 4-
Gbyte address space directly
• Size of data for data transfer can be specified as byte, word, or longword
The bus cycle is divided if an odd address is specified for a word or longword transfer.
The bus cycle is divided if address 4n + 2 is specified for a longword transfer.
• A CPU interrupt can be requested for the interrupt that activated the DTC
A CPU interrupt can be requested after one data transfer completion
A CPU interrupt can be requested after the specified data transfer completion
• Read skip of the transfer information specifiable
• Writeback skip executed for the fixed transfer source and destination addresses
• Module stop state specifiable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com