Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 589 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 589 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 585Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 586Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 587Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 588Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 589Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 590Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 591Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 592Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 593Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 589 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 557 of 1468
REJ09B0412-0200
4. Activation Source Acceptance
At the start of activation source acceptance, low level sensing is used for both falling edge
sensing and low level sensing on the
EDREQ. Therefore, a request is accepted in the case of a
low level at the
EDREQ pin that occurs before execution of the EDMDR write for setting the
transfer-enabled state.
At EXDMAC activation, low level on the
EDREQ pin must not remain at the end of the
previous transfer.
5. Conflict in Cluster Transfer
In cluster transfer mode, the same cluster buffer is used for all channels. When more than one
cluster transfer conflicts, the cluster buffer register holds the value of the last cluster transfer.
When the transfer between the transfer source/destination and the cluster buffer conflicts with
another cluster transfer, the transferred data in the cluster buffer may be overwritten by another
channel cluster transfer. Therefore, in the cluster transfer mode (single address mode), do not
set the cluster transfer mode for any other channels.
6. Cluster Transfer Mode and Endian
In cluster transfer mode, only a transfer to the areas in the big endian format is supported.
When cluster transfer mode is specified, do not specify the areas in the little endian format for
EDSAR and EDDAR. For details on the endian, see section 9, Bus Controller (BSC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com