Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 586 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 586 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 582Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 583Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 584Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 585Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 586Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 587Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 588Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 589Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 590Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 586 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 554 of 1468
REJ09B0412-0200
Interrupt source settings are made individually with the interrupt enable bits in the registers for the
relevant channels. The transfer counter's transfer end interrupt is enabled or disabled by means of
the DTIE bit in EDMDR, the transfer size error interrupt by means of the TSEIE bit in EDMDR,
the repeat size end interrupt by means of the RPTIE bit in EDACR, the source address extended
repeat area overflow interrupt by means of the SARIE bit in EDACR, and the destination address
extended repeat area overflow interrupt by means of the DARIE bit in EDACR.
The transfer end interrupt by the transfer counter occurs when the DTIE bit in EDMDR is set to 1,
the EDTCR becomes 0 by transfer, and then the DTIF bit in EDMDR is set to 1.
Interrupts other than the transfer end interrupt by the transfer counter occurs when the
corresponding interrupt enable bit is set to 1, the condition for that interrupt is satisfied, and then
the ESIF bit in EDMDR is set to 1.
The transfer size error interrupt occurs when the EDTCR value is smaller than the data access size
and a data-access-size transfer for one request cannot be performed for a transfer request. In block
transfer mode, the block size is compared to the EDTCR value to determine a transfer size error.
In cluster transfer mode, the cluster size is compared to the EDTCR value to determine a transfer
size error.
The repeat size end interrupt occurs when the next transfer request is generated after the end of a
repeat size transfer in repeat transfer mode. When the repeat area is not set in the address register,
transfer can be aborted periodically based on the set repeat size value. If the transfer end interrupt
by the transfer counter occurs at the same time, the ESIF bit is set to 1.
The source/destination address extended repeat area overflow interrupt occurs when the addresses
overflow the specified extended repeat area. If the transfer end interrupt by the transfer counter
occurs at the same time, the ESIF bit is set to 1.
Figure 11.70 shows the block diagram of various interrupts and their interrupt flags. The transfer
end interrupt can be cleared either by clearing the DTIF or ESIF bit to 0 in EDMDR within the
interrupt handling routine, or by re-setting the address registers and then setting the DTE bit to 1
in EDMDR to perform transfer continuation processing. An example of the procedure for clearing
the transfer end interrupt and restarting transfer is shown in figure 11.71.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com