Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 584 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 584 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 580Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 581Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 582Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 583Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 584Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 585Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 586Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 587Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 588Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 584 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 552 of 1468
REJ09B0412-0200
11.8.2
Bus Arbitration with Another Bus Master
A cycle of another bus master may (or not) be inserted among consecutive EXDMA transfer bus
cycles. The EXDMAC bus mastership can be set so that it is released and transferred to another
bus master.
Some of the consecutive EXDMA transfer bus cycles may be indivisible due to the transfer mode
specification, may be consecutive bus cycles for high-speed access due to the transfer mode
specification, or may be consecutive bus cycles because another bus master does not request the
bus mastership.
These consecutive EXDMA read and write cycles are indivisible: refresh cycle, external bus
release cycle, or external space access cycle by internal bus master (CPU, DTC, DMAC) does not
occur between a read cycle and a write cycle.
In cluster transfer mode, the transfer cycle in one cluster is indivisible.
In block transfer mode and auto-request burst mode, the EXDMA transfer bus cycles continues. In
this period, the bus priority level of the internal bus master is lower than the EXDMAC so that the
external space access is held pending (when EBCCS = 0 in the bus control register 2 (BCR2)).
When switching to another channel, or in the auto-request cycle steal mode, the EXDMA transfer
cycles and internal bus master cycles are alternatively executed. When the internal bus master is
not issuing an external space access cycle, the EXDMA transfer bus cycles are continuously
executed in the allowable range.
When the EBCCS bit in BCR2 is set to 1 to enable the arbitration function between the EXDMAC
and the internal bus master, the bus mastership is released, except for indivisible bus cycles, and
transferred between the EXDMAC and the internal bus master alternatively. For details, see
section 9, Bus Controller (BSC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com