Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 581 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 581 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 577Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 578Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 579Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 580Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 581Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 582Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 583Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 584Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 585Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 581 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 549 of 1468
REJ09B0412-0200
(3)
Transfer End by Repeat Size End Interrupt
In repeat transfer mode, when the RPTIE bit in EDACR is set to 1 and the next transfer request is
generated on completion of a repeat-size transfer, a repeat size end interrupt request is generated.
The interrupt request terminates EXDMA transfer, the DTE bit in EDMDR is cleared to 0, and the
ESIF bit in EDMDR is set to 1 at the same time. If the DTE bit is set to 1 in this state, transfer
resumes.
In block transfer or cluster transfer mode, a repeat size end interrupt request can be generated. In
block transfer mode, if the next transfer request is generated at the end of a block-size transfer, a
repeat size end interrupt request is generated. In cluster transfer mode, if the next transfer request
is generated at the end of a cluster-size transfer, a repeat size end interrupt request is generated.
(4)
Transfer End by Extended Repeat Area Overflow Interrupt
If an address overflows the extended repeat area when an extended repeat area specification has
been made and the SARIE or DARIE bit in EDACR is set to 1, an extended repeat area overflow
interrupt is requested. The interrupt request terminates EXDMA transfer, the DTE bit in EDMDR
is cleared to 0, and the ESIF bit in EDMDR is set to 1 at the same time.
In dual address mode, if an extended repeat area overflow interrupt is requested during a read
cycle, the following write cycle processing is still executed.
In block transfer mode, if an extended repeat area overflow interrupt is requested during transfer
of a block, transfer continues to the end of the block. Transfer end by means of an extended repeat
area overflow interrupt occurs between block-size transfers.
In cluster transfer mode, if an extended repeat area overflow interrupt is requested during transfer
of a cluster, transfer continues to the end of the cluster. Transfer end by means of an extended
repeat area overflow interrupt occurs between cluster-size transfers.
(5)
Transfer End by 0-Write to DTE Bit in EDMDR
When 0 is written to the DTE bit in EDMDR by the CPU, etc., transfer ends after completion of
the EXDMA cycle in which transfer is in progress or a transfer request was accepted.
In block transfer mode, EXDMA transfer ends after completion of one-block-size transfer in
progress.
In cluster transfer mode, EXDMA transfer ends after completion of one-cluster-size transfer in
progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com