Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 582 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 582 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 578Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 579Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 580Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 581Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 582Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 583Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 584Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 585Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 586Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 582 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 550 of 1468
REJ09B0412-0200
(6)
Transfer End by NMI Interrupt
If an NMI interrupt occurs, the EXDMAC clears the DTE bit to 0 in all channels and sets the
ERRF bit in EDMDR_0 to 1. EXDMA transfer is aborted when an NMI interrupt is generated
during EXDMA transfer. To perform EXDMA transfer after an NMI interrupt occurs, clear the
ERRF bit to 0 and then set the DTE bit to 1 in all channels.
The following explains the transfer end timing in each mode after an NMI interrupt is detected.
(a)
Normal transfer mode and repeat transfer mode
In dual address mode, EXDMA transfer ends at the end of the EXDMA transfer write cycle in
units of transfers.
In single address mode, EXDMA transfer ends at the end of the EXDMA transfer bus cycle in
units of transfers.
(b)
Block transfer mode
A block size EXDMA transfer is aborted. A block size transfer is not correctly executed, thus
matching between the actual transfer and the transfer request is not guaranteed.
In dual address mode, a write cycle corresponding to a read cycle is executed as well as in the
normal transfer mode.
(c)
Cluster transfer mode
A cluster size EXDMA transfer is aborted. If transfer is aborted in a read cycle, the read data is not
guaranteed. If transfer is aborted in a write cycle, the data not transferred is not guaranteed.
Matching between the transfer counter and the address register is not guaranteed since the transfer
processing cannot be controlled.
(7)
Transfer End by Address Error
If an address error occurs, the EXDMAC clears the DTE bit to 0 in all channels, and set the ERRF
bit in EDMDR_0 to 1. An address error during EXDMA transfer forcibly terminates the transfer.
To perform EXDMA transfer after an address error occurs, clear the ERRF bit to 0 and then set
the DTE bit to 1 in each channel.
The transfer end timing after address error detection is the same as for the one when an NMI
interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com