Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 596 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 596 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 592Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 593Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 594Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 595Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 596Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 597Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 598Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 599Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 600Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 596 / 1504 page
background image
Section 12 Data Transfer Controller (DTC)
Rev. 2.00 Sep. 24, 2008 Page 564 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
3
2
DM1
DM0
Undefined
Undefined
Destination Address Mode 1 and 0
Specify a DAR operation after a data transfer.
0X: DAR is fixed
(DAR writeback is skipped)
10: DAR is incremented after a transfer
(by 1 when Sz1 and Sz0 = B'00; by 2 when Sz1 and
Sz0 = B'01; by 4 when Sz1 and Sz0 = B'10)
11: SAR is decremented after a transfer
(by 1 when Sz1 and Sz0 = B'00; by 2 when Sz1 and
Sz0 = B'01; by 4 when Sz1 and Sz0 = B'10)
1, 0
Undefined
Reserved
The write value should always be 0.
[Legend]
x: Don't care
12.2.3
DTC Source Address Register (SAR)
SAR is a 32-bit register that designates the source address of data to be transferred by the DTC.
In full address mode, 32 bits of SAR are valid. In short address mode, the lower 24 bits of SAR is
valid and bits 31 to 24 are ignored. At this time, the upper eight bits are filled with the value of
bit 23.
If a word or longword access is performed while an odd address is specified in SAR or if a
longword access is performed while address 4n + 2 is specified in SAR, the bus cycle is divided
into multiple cycles to transfer data. For details, see section 12.5.1, Bus Cycle Division.
SAR cannot be accessed directly from the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com