Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 597 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 597 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 593Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 594Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 595Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 596Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 597Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 598Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 599Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 600Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 601Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 597 / 1504 page
background image
Section 12 Data Transfer Controller (DTC)
Rev. 2.00 Sep. 24, 2008 Page 565 of 1468
REJ09B0412-0200
12.2.4
DTC Destination Address Register (DAR)
DAR is a 32-bit register that designates the destination address of data to be transferred by the
DTC.
In full address mode, 32 bits of DAR are valid. In short address mode, the lower 24 bits of DAR is
valid and bits 31 to 24 are ignored. At this time, the upper eight bits are filled with the value of
bit 23.
If a word or longword access is performed while an odd address is specified in DAR or if a
longword access is performed while address 4n + 2 is specified in DAR, the bus cycle is divided
into multiple cycles to transfer data. For details, see section 12.5.1, Bus Cycle Division.
DAR cannot be accessed directly from the CPU.
12.2.5
DTC Transfer Count Register A (CRA)
CRA is a 16-bit register that designates the number of times data is to be transferred by the DTC.
In normal transfer mode, CRA functions as a 16-bit transfer counter (1 to 65,536). It is
decremented by 1 every time data is transferred, and bit DTCEn (n = 15 to 0) corresponding to the
activation source is cleared and then an interrupt is requested to the CPU when the count reaches
H'0000. The transfer count is 1 when CRA = H'0001, 65,535 when CRA = H'FFFF, and 65,536
when CRA = H'0000.
In repeat transfer mode, CRA is divided into two parts: the upper eight bits (CRAH) and the lower
eight bits (CRAL). CRAH holds the number of transfers while CRAL functions as an 8-bit
transfer counter (1 to 256). CRAL is decremented by 1 every time data is transferred, and the
contents of CRAH are sent to CRAL when the count reaches H'00. The transfer count is 1 when
CRAH = CRAL = H'01, 255 when CRAH = CRAL = H'FF, and 256 when CRAH = CRAL =
H'00.
In block transfer mode, CRA is divided into two parts: the upper eight bits (CRAH) and the lower
eight bits (CRAL). CRAH holds the block size while CRAL functions as an 8-bit block-size
counter (1 to 256 for byte, word, or longword). CRAL is decremented by 1 every time a byte
(word or longword) data is transferred, and the contents of CRAH are sent to CRAL when the
count reaches H'00. The block size is 1 byte (word or longword) when CRAH = CRAL =H'01,
255 bytes (words or longwords) when CRAH = CRAL = H'FF, and 256 bytes (words or
longwords) when CRAH = CRAL =H'00.
CRA cannot be accessed directly from the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com