Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 608 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 608 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 604Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 605Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 606Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 607Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 608Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 609Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 610Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 611Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 612Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 608 / 1504 page
background image
Section 12 Data Transfer Controller (DTC)
Rev. 2.00 Sep. 24, 2008 Page 576 of 1468
REJ09B0412-0200
Table 12.3
Chain Transfer Conditions
1st Transfer
2nd Transfer
CHNE CHNS DISEL
Transfer
Counter*
1
CHNE CHNS DISEL
Transfer
Counter*
1
DTC Transfer
0
0
Not 0
Ends at 1st transfer
0
0
0*
2
Ends at 1st transfer
0
1
Interrupt request to CPU
0
0
Not 0
Ends at 2nd transfer
0
0
0*
2
Ends at 2nd transfer
1
0
0
1
Interrupt request to CPU
1
1
0
Not 0
Ends at 1st transfer
0
0
Not 0
Ends at 2nd transfer
0
0
0*
2
Ends at 2nd transfer
1
1
0*
2
0
1
Interrupt request to CPU
1
1
1
Not 0
Ends at 1st transfer
Interrupt request to CPU
Notes: 1. CRA in normal mode transfer, CRAL in repeat transfer mode, or CRB in block transfer
mode
2. When the contents of the CRAH is written to the CRAL in repeat transfer mode
12.5.1
Bus Cycle Division
When the transfer data size is word and the SAR and DAR values are not a multiple of 2, the bus
cycle is divided and the transfer data is read from or written to in bytes.
Table 12.4 shows the relationship among, SAR, DAR, transfer data size, bus cycle divisions, and
access data size. Figure 12.5 shows the bus cycle division example.
Table 12.4
Number of Bus Cycle Divisions and Access Size
Specified Data Size
SAR and DAR Values
Byte (B)
Word (W)
Longword (LW)
Address 4n
1 (B)
1 (W)
1 (LW)
Address 2n + 1
1 (B)
2 (B-B)
3 (B-W-B)
Address 4n + 2
1 (B)
1 (W)
2 (W-W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com