Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 611 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 611 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 607Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 608Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 609Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 610Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 611Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 612Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 613Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 614Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 615Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 611 / 1504 page
background image
Section 12 Data Transfer Controller (DTC)
Rev. 2.00 Sep. 24, 2008 Page 579 of 1468
REJ09B0412-0200
12.5.3
Transfer Information Writeback Skip Function
By specifying bit SM1 in MRA and bit DM1 in MRB to the fixed address mode, a part of transfer
information will not be written back. This function is performed regardless of short or full address
mode. Table 12.5 shows the transfer information writeback skip condition and writeback skipped
registers. Note that the CRA and CRB are always written back regardless of the short or full
address mode. In addition in full address mode, the writeback of the MRA and MRB are always
skipped.
Table 12.5
Transfer Information Writeback Skip Condition and Writeback Skipped
Registers
SM1
DM1
SAR
DAR
0
0
Skipped
Skipped
0
1
Skipped
Written back
1
0
Written back
Skipped
1
1
Written back
Written back
12.5.4
Normal Transfer Mode
In normal transfer mode, one operation transfers one byte, one word, or one longword of data.
From 1 to 65,536 transfers can be specified. The transfer source and destination addresses can be
specified as incremented, decremented, or fixed. When the specified number of transfers ends, an
interrupt can be requested to the CPU.
Table 12.6 lists the register function in normal transfer mode. Figure 12.7 shows the memory map
in normal transfer mode.
Table 12.6
Register Function in Normal Transfer Mode
Register
Function
Written Back Value
SAR
Source address
Incremented/decremented/fixed*
DAR
Destination address
Incremented/decremented/fixed*
CRA
Transfer count A
CRA
− 1
CRB
Transfer count B
Not updated
Note:
*
Transfer information writeback is skipped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com