Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 614 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 614 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 610Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 611Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 612Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 613Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 614Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 615Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 616Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 617Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 618Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 614 / 1504 page
background image
Section 12 Data Transfer Controller (DTC)
Rev. 2.00 Sep. 24, 2008 Page 582 of 1468
REJ09B0412-0200
12.5.6
Block Transfer Mode
In block transfer mode, one operation transfers one block of data. Either the transfer source or the
transfer destination is designated as a block area by the DTS bit in MRB.
The block size is 1 to 256 bytes (1 to 256 words, or 1 to 256 longwords). When the transfer of one
block ends, the block size counter (CRAL) and address register (SAR when DTS = 1 or DAR
when DTS = 0) specified as the block area is restored to the initial state. The other address register
is then incremented, decremented, or left fixed. From 1 to 65,536 transfers can be specified. When
the specified number of transfers ends, an interrupt is requested to the CPU.
Table 12.8 lists the register function in block transfer mode. Figure 12.9 shows the memory map
in block transfer mode.
Table 12.8
Register Function in Block Transfer Mode
Register Function
Written Back Value
SAR
Source address
DTS =0: Incremented/decremented/fixed*
DTS = 1: SAR initial value
DAR
Destination address
DTS = 0: DAR initial value
DTS =1: Incremented/decremented/fixed*
CRAH
Block size storage
CRAH
CRAL
Block size counter
CRAH
CRB
Block transfer counter
CRB
− 1
Note:
*
Transfer information writeback is skipped.
Transfer source data area
Transfer destination data area
(specified as block area)
Block area
DAR
SAR
:
:
Transfer
1st block
Nth block
Figure 12.9 Memory Map in Block Transfer Mode
(When Transfer Destination is Specified as Block Area)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com