Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 732 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 732 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 728Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 729Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 730Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 731Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 732Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 733Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 734Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 735Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 736Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 732 / 1504 page
background image
Section 14 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Sep. 24, 2008 Page 700 of 1468
REJ09B0412-0200
Table 14.9
TPSC2 to TPSC0 (Channel 2)
Channel
Bit 2
TPSC2
Bit 1
TPSC1
Bit 0
TPSC0
Description
0
0
0
Internal clock: counts on P
φ/1
0
0
1
Internal clock: counts on P
φ/4
0
1
0
Internal clock: counts on P
φ/16
0
1
1
Internal clock: counts on P
φ/64
1
0
0
External clock: counts on TCLKA pin input
1
0
1
External clock: counts on TCLKB pin input
1
1
0
External clock: counts on TCLKC pin input
2
1
1
1
Internal clock: counts on P
φ/1024
Note:
This setting is ignored when channel 2 is in phase counting mode.
Table 14.10 TPSC2 to TPSC0 (Channel 3)
Channel
Bit 2
TPSC2
Bit 1
TPSC1
Bit 0
TPSC0
Description
0
0
0
Internal clock: counts on P
φ/1
0
0
1
Internal clock: counts on P
φ/4
0
1
0
Internal clock: counts on P
φ/16
0
1
1
Internal clock: counts on P
φ/64
1
0
0
External clock: counts on TCLKA pin input
1
0
1
Internal clock: counts on P
φ/1024
1
1
0
Internal clock: counts on P
φ/256
3
1
1
1
Internal clock: counts on P
φ/4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com