Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 734 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 734 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 730Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 731Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 732Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 733Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 734Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 735Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 736Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 737Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 738Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 734 / 1504 page
background image
Section 14 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Sep. 24, 2008 Page 702 of 1468
REJ09B0412-0200
14.3.2
Timer Mode Register (TMDR)
TMDR sets the operating mode for each channel. The TPU has six TMDR registers, one for each
channel. TMDR register settings should be made only while TCNT operation is stopped.
7
1
6
1
5
BFB
0
R/W
4
BFA
0
R/W
3
MD3
0
R/W
2
MD2
0
R/W
1
MD1
0
R/W
0
MD0
0
R/W
Bit
Bit Name
Initial Value
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7, 6
All 1
Reserved
These bits are always read as 1 and cannot be modified.
5
BFB
0
R/W
Buffer Operation B
Specifies whether TGRB is to normally operate, or TGRB
and TGRD are to be used together for buffer operation.
When TGRD is used as a buffer register, TGRD input
capture/output compare is not generated.
In channels 1, 2, 4, and 5, which have no TGRD, bit 5 is
reserved. It is always read as 0 and cannot be modified.
0: TGRB operates normally
1: TGRB and TGRD used together for buffer operation
4
BFA
0
R/W
Buffer Operation A
Specifies whether TGRA is to normally operate, or TGRA
and TGRC are to be used together for buffer operation.
When TGRC is used as a buffer register, TGRC input
capture/output compare is not generated.
In channels 1, 2, 4, and 5, which have no TGRC, bit 4 is
reserved. It is always read as 0 and cannot be modified.
0: TGRA operates normally
1: TGRA and TGRC used together for buffer operation
3
2
1
0
MD3
MD2
MD1
MD0
0
0
0
0
R/W
R/W
R/W
R/W
Modes 3 to 0
Set the timer operating mode.
MD3 is a reserved bit. The write value should always be
0. See table 14.13 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com