Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 900 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 900 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 896Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 897Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 898Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 899Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 900Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 901Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 902Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 903Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 904Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 900 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 868 of 1468
REJ09B0412-0200
Asynchronous Mode (SCI_0, 1, 2, 4, 5, and 6):
• Data length: 7 or 8 bits
• Stop bit length: 1 or 2 bits
• Parity: Even, odd, or none
• Receive error detection: Parity, overrun, and framing errors
• Break detection: Break can be detected by reading the RxD pin level directly in case of a
framing error
• Enables average transfer rate clock input from TMR (SCI_5, SCI_6)
• Average transfer rate generator (SCI_2)
10.667-MHz operation: 115.152 kbps or 460.606 kbps can be selected
16-MHz operation: 115.196 kbps, 460.784 kbps, or 720 kbps can be selected
32-MHz operation: 720 kbps
• Average transfer rate generator (SCI_5, SCI_6)
8-MHz operation: 460.784 kbps can be selected
10.667-MHz operation: 115.152 kbps or 460.606 kbps can be selected
12-MHz operation: 230.263 kbps or 460.526 kbps can be selected
16-MHz operation: 115.196 kbps, 460.784 kbps, 720 kbps, or 921.569 kbps can be selected
24-MHz operation: 115.132 kbps, 460.526 kbps, 720 kbps, or 921.053 kbps can be selected
32-MHz operation: 720 kbps can be selected
Clocked Synchronous Mode (SCI_0, 1, 2, and 4):
• Data length: 8 bits
• Receive error detection: Overrun errors
Smart Card Interface:
• An error signal can be automatically transmitted on detection of a parity error during reception
• Data can be automatically re-transmitted on receiving an error signal during transmission
• Both direct convention and inverse convention are supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com