Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 896 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 896 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 892Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 893Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 894Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 895Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 896Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 897Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 898Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 899Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 900Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 896 / 1504 page
background image
Section 18 Watchdog Timer (WDT)
Rev. 2.00 Sep. 24, 2008 Page 864 of 1468
REJ09B0412-0200
(2)
Reading from TCNT, TCSR, and RSTCSR
These registers can be read from in the same way as other registers. For reading, TCSR is assigned
to address H'FFA4, TCNT to address H'FFA5, and RSTCSR to address H'FFA7.
18.6.2
Conflict between Timer Counter (TCNT) Write and Increment
If a TCNT clock pulse is generated during the T2 cycle of a TCNT write cycle, the write takes
priority and the timer counter is not incremented. Figure 18.5 shows this operation.
N
M
T
1
T
2
Address
P
φ
Internal write signal
TCNT input clock
TCNT
TCNT write cycle
Counter write data
Figure 18.5 Conflict between TCNT Write and Increment
18.6.3
Changing Values of Bits CKS2 to CKS0
If bits CKS2 to CKS0 in TCSR are written to while the WDT is operating, errors could occur in
the incrementation. The watchdog timer must be stopped (by clearing the TME bit to 0) before the
values of bits CKS2 to CKS0 are changed.
18.6.4
Switching between Watchdog Timer Mode and Interval Timer Mode
If the timer mode is switched from watchdog timer mode to interval timer mode while the WDT is
operating, errors could occur in the incrementation. The watchdog timer must be stopped (by
clearing the TME bit to 0) before switching the timer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com