Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 895 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 895 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 891Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 892Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 893Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 894Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 895Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 896Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 897Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 898Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 899Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 895 / 1504 page
background image
Section 18 Watchdog Timer (WDT)
Rev. 2.00 Sep. 24, 2008 Page 863 of 1468
REJ09B0412-0200
18.6
Usage Notes
18.6.1
Notes on Register Access
The watchdog timer's TCNT, TCSR, and RSTCSR registers differ from other registers in being
more difficult to write to. The procedures for writing to and reading these registers are given
below.
(1)
Writing to TCNT, TCSR, and RSTCSR
TCNT and TCSR must be written to by a word transfer instruction. They cannot be written to by a
byte transfer instruction.
For writing, TCNT and TCSR are assigned to the same address. Accordingly, perform data
transfer as shown in figure 18.4. The transfer instruction writes the lower byte data to TCNT or
TCSR.
To write to RSTCSR, execute a word transfer instruction for address H'FFA6. A byte transfer
instruction cannot be used to write to RSTCSR.
The method of writing 0 to the WOVF bit in RSTCSR differs from that of writing to the RSTE bit
in RSTCSR. Perform data transfer as shown in figure 18.4.
At data transfer, the transfer instruction clears the WOVF bit to 0, but has no effect on the RSTE
bit. To write to the RSTE bit, perform data transfer as shown in figure 18.4. In this case, the
transfer instruction writes the value in bit 6 of the lower byte to the RSTE bit, but has no effect on
the WOVF bit.
TCNT write or writing to the RSTE bit in RSTCSR:
TCSR write:
Address: H'FFA4 (TCNT)
H'FFA6 (RSTCSR)
15
8
7
0
H'5A
Write data
Address: H'FFA4 (TCSR)
15
8
7
0
H'A5
Write data
Writing 0 to the WOVF bit in RSTCSR:
Address: H'FFA6 (RSTCSR)
15
8
7
0
H'A5
H'00
Figure 18.4 Writing to TCNT, TCSR, and RSTCSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com