Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 892 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 892 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 888Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 889Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 890Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 891Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 892Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 893Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 894Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 895Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 896Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 892 / 1504 page
background image
Section 18 Watchdog Timer (WDT)
Rev. 2.00 Sep. 24, 2008 Page 860 of 1468
REJ09B0412-0200
18.4
Operation
18.4.1
Watchdog Timer Mode
To use the WDT in watchdog timer mode, set both the WT/
IT and TME bits in TCSR to 1.
During watchdog timer operation, if TCNT overflows without being rewritten because of a system
crash or other error, the
WDTOVF signal is output. This ensures that TCNT does not overflow
while the system is operating normally. Software must prevent TCNT overflows by rewriting the
TCNT value (normally H'00 is written) before overflow occurs. This
WDTOVF signal can be used
to reset the LSI internally in watchdog timer mode.
If TCNT overflows when the RSTE bit in RSTCSR is set to 1, a signal that resets this LSI
internally is generated at the same time as the
WDTOVF signal. If a reset caused by a signal input
to the
RES pin occurs at the same time as a reset caused by a WDT overflow, the RES pin reset
has priority and the WOVF bit in RSTCSR is cleared to 0.
The
WDTOVF signal is output for 133 cycles of Pφ when RSTE = 1 in RSTCSR, and for 130
cycles of P
φ when RSTE = 0 in RSTCSR. The internal reset signal is output for 519 cycles of Pφ.
When RSTE = 1, an internal reset signal is generated. Since the system clock control register
(SCKCR) is initialized, the multiplication ratio of P
φ becomes the initial value.
When RSTE = 0, an internal reset signal is not generated. Neither SCKCR nor the multiplication
ratio of P
φ is changed.
When TCNT overflows in watchdog timer mode, the WOVF bit in RSTCSR is set to 1. If TCNT
overflows when the RSTE bit in RSTCSR is set to 1, an internal reset signal is generated for the
entire LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com